Part Number Hot Search : 
B125C Z13D5 LMX339HA BC557CG SP7614A RCW0603 B25667 SC3356
Product Description
Full Text Search
 

To Download 2N2905A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N2905A 2N2907A
GENERAL PURPOSE AMPLIFIERS AND SWITCHES
DESCRIPTION The 2N2905A and 2N2907A are silicon planar epitaxial PNP transistors in Jedec TO-39 (for 2N2905A) and in Jedec TO-18 (for 2N2907A) metal case. They are designed for high speed saturated switching and general purpose applications. 2N2905A approved to CECC 50002-100, 2N2906A approved to CECC 50002-103 available on request. TO-18 TO-39
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V CBO V CEO V EBO IC P t ot Parameter Collector-Base Voltage (IE = 0) Collector-Emitter Voltage (I B = 0) Emitter-Base Voltage (I C = 0) Collector Current Total Dissipation at T amb 25 C for 2N2905A for 2N2907A at T case 25 o C for 2N2905A for 2N2907A St orage Temperature Max. Operating Junction Temperature
o
Value -60 -60 -5 -0.6 0.6 0.4 3 1.8 -65 to 200 200
Unit V V V A W W W W
o o
T stg Tj
C C 1/7
November 1997
2N2905A/2N2907A
THERMAL DATA
T O-39 R t hj-ca se R t hj- amb Thermal Resistance Junction-Case Thermal Resistance Junction-Ambient Max Max 58.3 292 TO -18 97.3 437.5
o o
C/W C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symb ol I CBO I CEX I BEX Parameter Collector Cut-off Current (IE = 0) Collector Cut-off Current (V BE = -0.5V) Base Cut-off Current (V BE = -0.5V) Test Cond ition s V CB = -50 V V CB = -50 V V CE = -30 V V CE = -30 V I C = -10 A -60 Tc ase = 150 C
o
Min.
Typ .
Max. -10 -10 -50 -50
Un it nA A nA nA V
V ( BR)CBO Collector-Base Breakdown Voltage (I E = 0) V ( BR)CEO Collector-Emitter Breakdown Voltage (I B = 0) V (BR)EBO Emitter-Base Breakdown Voltage (I C = 0) V CE(sat ) V BE(s at) hFE Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage DC Current G ain
I C = -10 mA
-60
V
I E = -10 A
-5
V
I C = -150 mA I C = -500 mA I C = -150 mA I C = -500 mA IC IC IC IC IC = = = = = -0.1 mA -1 mA -10 mA -150 mA -500 mA
IB = -15 mA IB = -50 mA IB = -15 mA IB = -50 mA V CE V CE V CE V CE V CE = -10 V = -10 V = -10 V = -10 V = -10 V 75 100 100 100 50 200
-0.4 -1.6 -1.3 -2.6
V V V V
300 MHz 30 8 10 40 80 30 45 100 pF pF ns ns ns ns ns ns
fT C EBO C CBO t d t r t s t f t on t off
Transition F requency Emitter Base Capacitance Collector Base Capacitance Delay Time Rise Time Storage Time Fall T ime Turn-on T ime Turn-off T ime
V CE = -50 V I C = -20 mA IC = 0 IE = 0
f = 100 MHz f = 1MHz f = 1MHz
V EB = -2 V V CB = -10 V
V CC = -30 V I B1 = -15 mA V CC = -30 V I B1 = -15 mA
I C = -150 mA I C = -150 mA
V CC = -6 V I C = -150 mA I B1 = -IB2 = -15 mA V CC = -6 V I C = -150 mA I B1 = -IB2 = -15 mA V CC = -30 V I B1 = -15 mA I C = -150 mA
V CC = -6 V I C = -150 mA I B1 = -IB2 = -15 mA
Pulsed: Pulse duration = 300 s, duty cycle 1 % See test circuit
2/7
2N2905A/2N2907A
Normalized DC Current Gain. Collector-emitter Saturation Voltage.
Collector-base and Emitter-base capacitances.
Switching Characteristics.
3/7
2N2905A/2N2907A
Test Circuit for ton, tr, td.
PULSE GENERATOR : tr 2.0 ms Frequency = 150 Hz Zo = 50
TO OSCILLOSCOPE : tr < 5.0 ns ZIN > 10 M
Test Circuit for toff, to, tf.
PULSE GENERATOR : tr 2.0 ns Frequency = 150 Hz Zo = 50
TO OSCILLOSCOPE : tr < 5.0 ns ZIN > 100 M
4/7
2N2905A/2N2907A
TO-18 MECHANICAL DATA
mm DIM. MIN. A B D E F G H I L 45o 2.54 1.2 1.16 45o TYP. 12.7 0.49 5.3 4.9 5.8 0.100 0.047 0.045 MAX. MIN. TYP. 0.500 0.019 0.208 0.193 0.228 MAX. inch
D G I H E F
A
L C B
0016043
5/7
2N2905A/2N2907A
TO-39 MECHANICAL DATA
mm DIM. MIN. A B D E F G H I L 5.08 1.2 0.9 45o (typ.) 12.7 0.49 6.6 8.5 9.4 0.200 0.047 0.035 TYP. MAX. MIN. 0.500 0.019 0.260 0.334 0.370 TYP. MAX. inch
D G I H
E F
A
L
B
P008B
6/7
2N2905A/2N2907A
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersede and replaces all information previously supplied. s SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1997 SGS-THOMSON Microelectronics - Printed in Italy - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A ...
7/7


▲Up To Search▲   

 
Price & Availability of 2N2905A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X